Part Number Hot Search : 
2SC4001 P13007 BD9528 CY7C038V 6VDK1 2SD401 FW801 01547
Product Description
Full Text Search
 

To Download IN74HC299A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN74HC299A
8-Bit Bidirectional Universal Shift Register with Parallel I/O
High-Performance Silicon-Gate CMOS
The IN74HC299A is identical in pinout to the LS/ALS299. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. The IN74HC299A features a multiplexed parallel input/output data port to achieve full 8-bit handling in a 20 pin package. Due to the large output drive capability and the 3-state feature, this device is ideally suited for interface with bus lines in a bus-oriented system. Two Mode-Select inputs and two Output Enable inputs are used to choose the mode of operation as listed in the Function Table. Synchronous parallel loading is accomplished by taking both ModeSelect lines, S1 and S2, high. This places the outputs in the highimpedance state, which permits data applied to the data port to be clocked into the register. Reading out of the register can be accomplished when the outputs are enabled. The active-low asynchronous Reset overrides all other inputs. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION IN74HC299AN Plastic IN74HC299ADW SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 20=VCC PIN 10 = GND
Rev. 00
IN74HC299A
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 35 75 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. I/O pins must be connected to a properly terminated line or bus.
Rev. 00
IN74HC299A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.98 5.48 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.26 0.26 0.1 0.5 85 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.84 5.34 3.84 5.34 0.1 0.1 0.1 0.33 0.33 0.33 0.33 1.0 5.0 125 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.7 5.2 3.7 5.2 0.1 0.1 0.1 0.4 0.4 0.4 0.4 1.0 10 A A V Unit
VIH
Minimum HighLevel Input Voltage Maximum Low Level Input Voltage Minimum HighLevel Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 6.0 mA (P/Q) IOUT 7.8 mA (P/Q) VIN=VIH or VIL IOUT 4.0 mA (Q') IOUT 5.2 mA (Q')
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 4.5 6.0 6.0 6.0
V
VIL
V
VOH
V
VOL
Maximum LowLevel Output Voltage
VIN= VIL or VIH IOUT 20 A VIN=VIH or VIL IOUT 6.0 mA (P/Q) IOUT 7.8 mA (P/Q) VIN=VIH or VIL IOUT 4.0 mA (Q') IOUT 5.2 mA (Q')
IIN IOZ
Maximum Input Leakage Current Maximum ThreeState Leakage Current (QA thru QH) Maximum Quiescent Supply Current (per Package)
VIN=VCC or GND Output in High-Impedance State VIN= VIL or VIH VOUT=VCC or GND VIN=VCC or GND IOUT=0A
ICC
6.0
8.0
80
160
A
Rev. 00
IN74HC299A
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol Parameter V Guaranteed Limit 25 C to -55C 5.0 25 29 170 34 29 160 32 27 175 35 30 190 38 32 150 30 26 150 30 26 60 12 10 75 15 13 10 15 85C 125C Unit
fmax
Maximum Clock Frequency (50% Duty Cycle) (Figures 1 and 5) Maximum Propagation Delay, Clock to QA' or QH' (Figures 1 and 5) Maximum Propagation Delay, Clock to QA thru QH (Figures 1 and 5) Maximum Propagation Delay, Reset to QA' or QH' (Figures 2 and 5) Maximum Propagation Delay, Reset to QA thru QH (Figures 2 and 5) Maximum Propagation Delay , OE1, OE2, S1, or S2 to QA thru QH (Figures 3 and 6) Maximum Propagation Delay , OE1, OE2, S1, or S2 to QA thru QH (Figures 3 and 6) Maximum Output Transition Time, QA thru QH (Figures 1 and 5) Maximum Output Transition Time, QA' thru QH' (Figures 1 and 5) Maximum Input Capacitance) Maximum Three-State I/O Capacitance (I/O in High-Impedance State), QA thru QH Power Dissipation Capacitance (Per Package), Output Enable
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -
4.0 20 24 215 43 37 200 40 34 220 44 37 240 48 41 190 38 33 190 38 33 75 15 13 95 19 16 10 15
3.4 17 20 255 51 43 240 48 41 265 53 45 285 57 48 225 45 38 225 45 38 90 18 15 110 22 19 10 15
MHz
tPLH, tPHL
ns
tPLH, tPHL
ns
tPHL
ns
tPHL
ns
tPLZ, tPHZ
ns
tPZL, tPZH
ns
tTLH, tTHL
ns
tTLH, tTHL
ns
CIN COUT
pF pF
Typical @25C,VCC=5.0 V 240 pF
CPD
Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC
Rev. 00
IN74HC299A
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol tsu Parameter Minimum Setup Time, Mode Select S1 or S2 to Clock (Figure 4) Minimum Setup Time, Data Inputs SA, SH, PA thru PH to Clock (Figure 4) Minimum Hold Time, Clock to Mode Select S1 or S2 (Figure 4) Minimum Hold Time, Clock to Data Inputs, SA, SH, PA thru PH (Figure 4) Minimum Recovery Time, Reset Inactive to Clock (Figure 2) Minimum Pulse Width, Clock (Figure 1) Minimum Pulse Width, Reset (Figure 2) Maximum Input Rise and Fall Times (Figure 1) V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 100 20 17 100 20 17 120 24 20 5 5 5 50 10 9 80 16 14 80 16 14 1000 500 400 Guaranteed Limit 25 C to-55C 85C 125 25 21 125 25 21 150 30 26 5 5 5 65 13 11 100 20 17 100 20 17 1000 500 400 125C 150 30 26 150 30 26 180 36 31 5 5 5 75 15 13 120 24 20 120 24 20 1000 500 400 Unit ns
tsu
ns
th
ns
th
ns
trec
ns
tw
ns
tw
ns
tr, tf
ns
Rev. 00
IN74HC299A
FUNCTION TABLE
Inputs Mode Reset Mode Select S2 Reset L L L Shift Right H H H Shift Left H H H Parallel Load Hold H H H H X L H L L L H H H H L L L S1 L X H H H H L L L H L L L Output Enables OE1 L L X H X L H X L X H X L OE2 L L X X H L X H L X X H L X X X X X X Clock Serial Inputs DA D H X X X D D D X X X X X X X X X X X X X D D D X X X X L L L L L L L L L L L L L L L L L L L D D D QB QB QB PA PA PA PA L L L QG QG QG D D D PH PH PH PH Response PA/ PB/ PC/ PD/ PE/ PF/ PG/ PH/ QA' QH' QA QB QC QD QE QF QG QH
QA through QH=Z Shift Right: QA through QH=Z; F A; F A FB; etc DA Shift Right: QA through QH=Z; FA; FA FB; etc DA Shift Right: DA FA =QA; FB =QB; etc FA Shift Left: QA through QH=Z; F H; F H FG; etc DH Shift Left: QA through QH=Z; F H; F H FG; etc DH Shift Left: DH FH =QH; FG =QG; etc FH Parallel Load:PN FN
Hold: QA through QH=Z; FN=FN Hold: QA through QH=Z; FN=FN Hold: QN =QH
Z = high impedance D = data on serial input F = flip-flop (see Logic Diagram) When one or both output controls are high the eight input/output terminals are disabled to the highimpedance state; however, sequential operation or clearing of the register is not affected.
Rev. 00
IN74HC299A
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3a. Switching Waveforms
Figure 3b. Switching Waveforms
Figure 4. Switching Waveforms
Figure 5. Test Circuit
Figure 6. Test Circuit
Rev. 00
IN74HC299A
EXPANDED LOGIC DIAGRAM
Rev. 00
IN74HC299A
N SUFFIX PLASTIC DIP (MS - 001AD)
A
Dimension, mm
20 11 B 1 10
Symbol A B C
MIN 24.89 6.1
MAX 26.92 7.11 5.33
F
L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES:
1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 013AC)
A 20 11
Dimension, mm Symbol MIN 12.6 7.4 2.35 0.33 0.4 1.27 9.53 0 0.1 0.23 10 0.25 8 0.3 0.32 10.65 0.75 MAX 13 7.6 2.65 0.51 1.27
H
B
P
A B
1
G
10 C R x 45
C D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
G H J K M P R
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
Rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HC299A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X